Part Number Hot Search : 
S3C80E5 AT54S BCR12 C3026 5253B 12GR5S MSMF05LC D1941
Product Description
Full Text Search
 

To Download P510-006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications vga monitor extension cable, 640x480 (hd15 m/f), 6-ft. model number: P510-006 description tripp lite's vga monitor extension cable will extend the reach of a monitor cable by an additional 6ft. gold plated connectors and gold plated copper contacts ensure excellent conductivity. shielded for maximum emi/rfi protection. the hd15 male and hd15 female connectors are molded and have integral strain relief to ensure they last a long time. note: for monitors with resolutions up to 640x480 only ( vga std ). for higher resolution monitors, please use p500-006. features superior molded cables with foil-shielding for maximum emi/rfi protection l gold plated connectors and gold plated copper contacts ensure excellent conductivity l hd15 male to hd15 female molded connectors l highlights superior molded cables with foil- shielding for maximum emi/rfi protection l system requirements monitor with hd15 cable and resolution of 640x480 or less. l package includes 6-ft. vga monitor extension gold cable hd15f to hd15m l overview upc code 037332012326 input cable length (ft.) 6 cable length (m) 1.8 physical shipping dimensions (hwd / in.) 8.50 x 6.90 x 0.50 shipping dimensions (hwd / cm) 21.59 x 17.53 x 1.27 1 / 2
? 2019 tripp lite. all rights reserved. all product and company names are trademarks or registered trademarks of their respective holders. use of them does not imply any affiliation with or endorsement by them. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. tripp lite uses primary and third-party agencies to test its products for compliance with standards. see a list of tripp lite's testing agencies: https://www.tripplite.com/products/product-certification-agencies shipping weight (lbs.) 0.30 shipping weight (kg) 0.14 color black connections side a - connector 1 hd15 (male) side b - connector 1 hd15 (female) features & specifications technology vga/svga warranty product warranty period (worldwide) lifetime limited warranty 2 / 2


▲Up To Search▲   

 
Price & Availability of P510-006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X